Part Number Hot Search : 
KIA7434P MAX9589 PLA43403 MPZ1005 SFBUX22 RB731U RE46C140 MV3450
Product Description
Full Text Search
 

To Download AS5000-MD6H-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document d6.0x2.5-n35 rev-1 2011-01-18 d6.0x2.5-n35 ordering number: 2910041-1 physical data diameter: 6.0 +/-.1mm thickness: 2.5 +/-.05mm density: 7.6 gm/cc mass: ~.53gram temperature coeff. of max. linear expansion: 5.0 to 8.0 x 10-6 0 c -1 magnetic characteristics material: ndfeb energy grade: 35 mgoe temperature coeff. of magnetic field strength: -0.15% 0 c -1 max. operating temp: 120 0 c coating: nickel plating magnetic perfomrance data magnetic flux density plot for use with ams on-axis sensors: (max bz on line at 1.1mm from center of magnet) for additional data and opti ons, visit our web site www.dextermag.com contact us at: tel. 1+(800) 317-2537 email. info@dextermag.com bz v/s z at 1.1m m from m agnet center (copyright dexter magnetic technologies) 0 20 40 60 80 100 0.0 1.0 2.0 3.0 4.0 z (mm) bz (mt)
document d6.0x2.5-n35 rev-1 2011-01-18


▲Up To Search▲   

 
Price & Availability of AS5000-MD6H-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X